PART |
Description |
Maker |
FM50S3XNL FM50_04 FM50 FM50S3X FM5004 |
Analog Temperature Sensor Low-Voltage Positive Slope with Offset Analog Temp Sensor for LM50 applications
|
FAIRCHILD[Fairchild Semiconductor]
|
BDE0200G BDE0900G BDE0400G BDE0500G BDE0300G BDE01 |
Detect TemperatureChangeable Thermostat Output Temperature Sensor IC ANALOG TEMP SENSOR-VOLTAGE, 1.716-1.79V, 3.5Cel, RECTANGULAR, SURFACE MOUNT
|
Rohm
|
AD22103 AD22103K AD22103KCHIPS AD22103KR AD22103KT |
Voltage Output 3.3 V Temperature Sensor withSignal Conditioning 3.3 V Supply Voltage Output Temperature Sensor with Signal Conditioning 3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning ANALOG TEMP SENSOR-VOLTAGE, 0.95V, RECTANGULAR, SURFACE MOUNT SOIC-8 3.3 V Supply/ Voltage Output Temperature Sensor with Signal Conditioning
|
AD[Analog Devices] Analog Devices, Inc.
|
8021 8002-12-001 8002-05-101 8002-05-011 8002-05-0 |
Temp Sensor, Low Voltage, -40C to 125C, 8-SOIC 150mil, TUBE Temp Sensor & Brushless DC Fan Controller / Over Temp Alert, -40C to 125C, 8-MSOP, TUBE Prog Solid-State Temp Sensor, -40C to 125C, 5-TO-220, TUBE 1.5A Dual MOSFET Drvr, -40C to 85C, 8-SOIC 150mil, T/R 1.5A DUAL MOSFET DRIVER, 0C to 70C, 8-MSOP, T/R 1.5A Dual MOSFET Drvr, -40C to 125C, 8-DFN, TUBE 1.5A Dual High-Speed Power MOSFET Drivers, -40C to 125C, 8-SOIC 150mil, TUBE Prog Solid-State Temp Sensor, 0C to 70C, 8-PDIP, TUBE Temp Sensor & Brushless DC Fan Controller / Over Temp Alert, -40C to 125C, 8-MSOP, TUBE 1.5A DUAL MOSFET DRIVER, -40C to 85C, 8-MSOP, T/R Temp Sensor, Low Voltage, 0C to 70C, 8-PDIP, TUBE 1.5A Dual MOSFET Drvr, -40C to 85C, 8-DFN, T/R DIP Reed Relays
|
TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Coto Technology
|
V48B5E48BS2 V24B12E24B V24B12E24B1 V24B12E24B2 V24 |
IC ENCORE XP MCU FLASH 8K 20SOIC IC ENCORE XP MCU FLASH 8K 28SOIC T-SENSOR IC, DOUT TO92T-SENSOR IC, DOUT TO92; Temp, op. min:-50(degree C); Temp, op. max:150(degree C); Pins, No. of:3; Case style:TO-92; Base number:206; Voltage, supply max:6V FasTrak Mini E-Grade Family FasTrak车辆迷你E级系
|
VICOR[Vicor Corporation] Vicor, Corp.
|
MAX11358B MAX1358B MAX1358BETLTW MAX1358BETLW |
16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor 16-Bit, Data-Acquisition System with ADC, DACs, UPIOs, RTC, Voltage Monitors, and Temp Sensor
|
MAXIM - Dallas Semiconductor
|
AD7314ARM-REEL AD7314ARM-REEL7 AD7314_03 AD7314 AD |
Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 2Cel, SQUARE, SURFACE MOUNT MO-187AA, MSOP-8
|
http:// AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
DS3501U DS3501UR |
High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
|
Maxim Integrated Products
|
DS3501 DS3501UR DS3501UT |
High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table 高电压,内华达州和I2C壶与温度传感器和查找
|
Maxim Integrated Products, Inc.
|
TC650ACUA TC650ACV TC650ADUA TC651CGV TC650_04 TC6 |
DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1Cel, SQUARE, SURFACE MOUNT Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
|
STMICROELECTRONICS[STMicroelectronics] http://
|
|